Part Number Hot Search : 
CBTS3257 SR5413 20F48N UFDB120 UPD71071 16373 MAX3182E A5518
Product Description
Full Text Search
 

To Download M-7815-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.make-ps.com
E-mail:info@make-ps.com
Single Output DC/DC Converter Series M-78-NZ
Up to 7.5 Watt | DC-DC Converter
Models Single output
Model
M-783.3-NZ M-785.0-NZ M-786.5-NZ M-789.0-NZ M-7812-NZ M-7815-NZ
FEATURES: * No heatsink required * 3 Pin SIP package * Non-isolated * Low ripple and noise * RoHS compliant * Operating temperature -40C to +85C * Very high efficiency up to 96% * Pin compatible to multiple manufacturers * Regulated outputs Input Voltage (V) 4.5-30 6.5-30 8-30 11-30 15-30 18-30 Output Voltage (V) 3.3 5 6.5 9 12 15
Output Current max (mA) 500 500 500 500 500 500
Efficiency Vin Max (%) 77 81 85 89 92 93
Efficiency Vin Min (%) 90 94 95 95 96 96
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified.
Input Specifications
Parameters
Voltage range Filter Quiescent current Short circuit consumption
Conditions
Vin=(LL-HL) at 0% load
Typical
See the table above Capacitor
Maximum
13
Units
VDC mA W
1.8
Output Specifications
Parameters
Voltage accuracy Short circuit protection Short circuit restart Output current limit Thermal shutdown Line voltage regulation Load voltage regulation Temperature coefficient Ripple & Noise Max capacitive load
Conditions
100% load
Typical
3 Continuous Auto recovery
Maximum
Units
%
2 Internal IC junction Vin=(LL-HL) at full load 10-100% load -40C to +85C ambient 20MHz Bandwidth 160 1 0.75 0.02 35 1000
A C % % o %/ C mV p-p uF
o
General Specifications
Parameters
Switching frequency Operating temperature Storage temperature Maximum case temperature Cooling Humidity Case material Weight Dimensions (L x W x H) MTBF Soldering temperature
Conditions
100% load With derating above 71 oC
Typical
330 -40 to +85 -55 to +125
Maximum
Units
KHz o C o C o C % g
o
100 Free air convection 95 Non-conductive black plastic (UL94V-0 rated) 2 0.45 x 0.30 x 0.40 inches 11.50 x 7.55 x 10.20 mm o > 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25 C) 1.5 mm from case for 10 sec 300 1 of 3
C
www.make-ps.com
Pin Out Specifications
Pin
1 2 3
E-mail:info@make-ps.com
Dimensions
Positive Output Negative Output
+V Input Ground +V Output +V Input -V Output Ground
11.50 (0.45)
PRINTED FACE
7.55 (0.30)
9.70 (0.38)
Make-Ps
10.20 (0.40) 0.50 (0.02) 0.30 (0.01) 4.00 (0.16) 2.54 (0.1)
Standard Application Circuit
+V input C1 1 M-78Z 2
7.55 (0.30)
3 C2
+V output
Ground
Ground
0.50 (0.02) Dimensions are in mm (inch) Pin Tolerance: 0.16 mm(0.004 inch) Case Tolerance : 0. 25 mm(0. 01 inch)
External Capacitor values
Model Number
M-783.3-NZ M-785.0-NZ M-786.5-NZ M-789.0NZ M-7812-NZ M-7815-NZ
C1, C3 (ceramic capacitor)
10uF/50V 10uF/50V 10uF/50V 10uF/50V 10uF/50V 10uF/50V
C2, C4 (ceramic capacitor)
22uF/16V 22uF/16V 10uF/16V 10uF/16V 10uF/25V 10uF/25V
Ripple and Noise Reduction
+V input C1 1 M-78Z 2 Ground Ground 3 C2 +V output 22uF
L
Recommended value of inductor L is between 10uH to 47uH
2 of 3
1.80 (0.70)
0.50 (0.02)
www.make-ps.com
Derating
E-mail:info@make-ps.com
3 of 3


▲Up To Search▲   

 
Price & Availability of M-7815-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X